Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download TS2431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS2431
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
s ADJUSTABLE OUTPUT VOLTAGE
2.5 to 24V
s SEVERAL PRECISION @ 25C
2%, 1% and 0.5%
s SINK CURRENT CAPABILITY
1 to 100mA
s INDUSTRIAL TEMPERATURE RANGE:
-40 to +105C
s PERFORMANCES COMPATIBLE WITH
INDUSTRY STANDARD TL431 DESCRIPTION The TS2431 is a programmable shunt voltage reference with guaranteed temperature stability over the entire temperature range of operation (-40 to +105C). The output voltage may be set to any value between 2.5V and 24V with an external resistor bridge. Available in SOT23-3 surface mount package, it can be designed in applications where space saving is a critical issue. PIN CONNECTIONS (top view) APPLICATION
L SOT23-3L (Plastic Micropackage)
TS2431
s s s s s
Computers Instrumentation Battery chargers Switch Mode Power Supply Battery operated equipments
Cathode
1 3
Anode
ORDER CODE
Precision Part Number in SOT23-3 SOT23 Marking L285 L286 L287
Reference
2
2% TS2431ILT 1% TS2431AILT 0.5% TS2431BILT Single temperature range: -40 to +105C
SOT23-3
LT = Tiny Package (SOT23-3) - only available in Tape & Reel (LT)
February 2002
1/6
TS2431
ABSOLUTE MAXIMUM RATINGS
Symbol Vka IK IREF Pd Tstd ESD TLEAD Cathode to Anode voltage Reverse Breakdown Current Reference input current range Power Dissipation
1)
Parameter
Value 25 -100 to +150 -0.05 to +10 360 -65 to +150 2 200 260
Unit V mA mA mW C kV V C
SOT23-3
Storage Temperature Human Body Model (HBM) Machine Model (MM) Lead Temperatue (soldering, 10 seconds)
1. Pd has been calculated with Tamb = 25C, Tjunction =150C and Rthja = 340C/W for the SOT23-3 package
OPERATING CONDITIONS
Symbol VKA IK Toper Cathode to Anode voltage Cathode operating current
1)
Parameter
Value VREF to 24 1 to 100 -40 to +105
Unit V mA C
Operating Free Air Temperature Range
1. Maximum power dissipation must be strictly observed to avoid the component destruction.
ELECTRICAL CHARACTERISTICS TAMBIENT = 25C (unless otherwise specified)
Symbol VREF Parameter Reference input Voltage Test Condition VK=VREF, IK=10mA TS2431 (2%) TS2431A (1%) TS2431B (0.5%) 0C < T < +70C -40C < T < +85C -40C < T < +105C -40C < T < +105C T = 25C -40C < T < +105C 2.45 2.475 2.488 10 17 20 50 0.3 Min. Typ. 2.5 2.55 2.525 2.512 20 30 35 100 0.8 1 2 2.5 3 1.2 500 0.75 V Max. Unit
|VREF| TC IKMIN
Reference input Voltage deviation over temperature, VK=VREF, IK=10mA (note 1,2)
Temperature coefficient (note 2) Minimum Operating Current
mV ppm/C mA
Vref -------------Vk
IREF |IREF| IOFF |ZKA| EN
Ratio of change in reference input I =10mA voltage to change in cathode to anode K Vka= 24 to 2.5V voltage Reference input current IK=10mA, R1=10K, R2=+ (note 3) T=25C -40C < T < +105C -40C < T < +105C VK=24V, VREF=GND
0.3 0.5
mV/V
A A nA nV/Hz
Reference input current deviation IK=10mA, R1=10K, R2=+ (note 3)
Off-state cathode current
0.4 10 0.5 300
Reverse dynamic impedance
Wide Band Noise
VK=VREF IK=1 to 50mA, f<10kHz
Ik = 10mA 10Hz < f < 10kHz
Note 1: Limits are 100% production tested at 25C. Limits over temperature are guaranteed through correlation and by design. Note 2:
|VREF| is defined as the difference between the maximum and minimum values of VREF obtained over the full temperature range Note 3: Refer to figure "Test circuit for Vka>Vref" page 4
2/6
TS2431
Reference voltage vs temperature Test circuit for Vka = Vref
2.52
Voltage reference (V)
Ik =10 mA Vka = Vref 2.51
Input Ik
Output
2.50
Vka
2.49
Vref
2.48 -40 -20 0 20 40 60 80 100
Temperature (C)
Cathode voltage vs cathode current
3
Cathode voltage vs cathode current
3
2
Vka Cathode voltage (V)
Vka Cathode voltage (V)
T=-40C 2
1
Vka = Vref T=25C
T=+25C 1 T=+105C Vka = Vref
0
-1
-0.10
-0.05
0.00
0.05
0.10
0
0
100
200
300
400
Ika Cathode current (A)
Ik Cathode current (A)
Reference input current vs temperature
1.00
Dynamic impedance vs frequency
Zka Dynamic impedance (Ohms)
5
Reference input current (A)
0.75
Ik=10mA R1=10K R2=+
4 Vka=Vref Ik=1mA T=25C
3
0.50
2
0.25
1
0.00 -40
-20
0
20
40
60
80
100
0 10
100
1000
10000
100000
1000000
Temperature (C)
Frequency (Hz)
3/6
TS2431
Off-State current vs temperature
0.3
Test circuit for Off-State current measurement
Vka=24V
Off-state current (A)
0.2
Ioff
0.1
0.0 -40
-20
0
20
40
60
80
100
Temperature (C)
Ratio of change in reference input voltage to change in Vka voltage vs temperature
0.4
Test circuit for Vka > Vref
Input
Vref / Vka (mV/V)
0.3
Vka
Ik
Vka=24 to 2.5V
Ik=10mA T=25C
R1 Iref
0.2
0.1
R2
Vref
0.0 -40
-20
0
20
40
60
80
100
Vka = Vref . (1+R1/R2) + Iref . R1
Temperature (C)
Phase and Gain vs frequency
Test circuit for phase and gain measurement
4/6
TS2431
Pulse response at Ik=1mA
6 Input voltage
Test circuit for pulse response at Ik = 1mA
2.5 K
Ik=1mA
Voltage (V)
4 Output voltage
2
Pulse Generator F=100kHz 0 to 5V
Ik= 0 to 1mA T=25C
0 0.0
0.5
1.0
1.5
2.0
Time (s)
Pulse response at Ik = 1mA
6 Input voltage 4 Ik= 1mA to 0 T=25C 2 Output voltage
Equivalent input noise vs frequency
300 250 200 150 100 50 Vka=Vref Ik=1mA T=25C
0 0.0
Noise (nV / Hz)
Voltage (V)
0.5
1.0
1.5
2.0
0 0.1
1
10
100
1000
Time (s)
Frequency (KHz)
Stability boundary conditions
100
Block Diagram
Cathode current (mA)
80 Stable area 60 Vka=3 V 40 Instable area
20
Vka=2.5 V
Vka=5 V 1E-6 1E-5
0 1E-10
1E-9
1E-8
1E-7
Capacitive load (F)
Output
Intput
5/6
TS2431
PACKAGE MECHANICAL DATA 3 PINS - TINY PACKAGE (SOT-23)
D
e
GAUGE PLANE 0.25
k
L E1 E b
c
e1
C
A2
Millimeters Dimensions Min. A A1 A2 b c D E E1 e e1 L L1 k 0.890 0.010 0.880 0.300 0.080 2.800 2.100 1.200 Typ. Max. 1.120 0.100 1.020 0.500 0.200 3.040 2.640 1.400 Min. 0.035 0.0004
A1
A
0.10
SEATING PLANE
C
L1
Inches Typ. Max. 0.044 0.004 0.040 0.020 0.008 0.120 0.104 0.055
0.950
0.037 0.012 0.003 0.110 0.083 0.047
2.900 1.300 0.950 1.900 0.500 0.540
0.114 0.051 0.037 0.075 0.020 0.021
0.400 0
0.600 8
0.016
0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States (c) http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of TS2431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X